PART |
Description |
Maker |
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C1339G CY7C1339G-250BGXI CY7C1339G-133AXC CY7C1 |
4-Mbit (128K x 32) Pipelined Sync SRAM 4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C1347G-200AXC CY7C1347G-200AXI CY7C1347G-166AXC |
4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 4 ns, PBGA165 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 2.8 ns, PBGA165 4-Mbit (128K x 36) Pipelined Sync SRAM 128K X 36 CACHE SRAM, 3.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1340G-100AXC |
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
|
Cypress
|
CY7C1474V33-167BGC CY7C1470V33-250AXC CY7C1470V33- |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 1M X 72 ZBT SRAM, 3.4 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1350G-250BGI CY7C1350G CY7C1350G-100AXC CY7C13 |
4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture Mechanism, 2-inch wide, compact, Easy Load and platen detect Mechanism, 2-inch wide, Hi-speed, compact Easy Load Parallel Mini Interface Board with cutter controller for 6x8MCL35x Mechanism, ELM w/low profile cutter (full or partial cut) Mechanism, 2-inch wide, Hi-speed, compact, rear feed and platen detect 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 Mechanism, 2-inch wide, compact Easy Load, 3V logic 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V25761 IDT71V25781 IDT71V25781S166PF IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.3 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消
|
Integrated Device Technology, Inc.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
A67L7332SERIES A67L7336SERIES A67L8316SERIES A67L8 |
Cycle time:7ns; access time:4.5ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4.2ns; 256K x 16 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4.2ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:7ns; access time:4ns; 128K x 32 LVTTL, pipelined DBA SRAM 256K X 16/18. 128K X 32/36 LVTTL. Pipelined DBA SRAM 256 × 16/18128K的X 32/36 LVTTL等级。流水线数据库管理员的SRAM 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM Cycle time:7ns; access time:4.5ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:7.5ns; access time:4.2ns; 128K x 32 LVTTL, pipelined DBA SRAM Cycle time:8.5ns; access time:4.5ns; 128K x 32 LVTTL, pipelined DBA SRAM
|
AMIC Technology, Corp.
|
|